PART |
Description |
Maker |
AT05SC3208RF |
8-bit Microcontroller with 8K EEPROM,Dual Interface,and Advanced Security Features(8位微控制器带8K的EEPROM,双接口和高级的安全性能)
|
Atmel Corp.
|
SLE4436SE SLE4436 SLE4436C SLE4436E SLE4436EC SLE4 |
Intelligent 221-Bit EEPROM Counter For 20000 Units With Security Logic And High Security Authentication(智能21位EEPROM计数可计20000单元,带安全逻辑,高级安全认证)) 智能221位EEPROM的柜台,20000安全逻辑,高安全性认证(智能21位EEPROM的计数器(可20000单元,带安全逻辑,高级安全认证)单位 Intelligent 221Bit EEPROM Counter Security & Chip Card ICs From old datasheet system
|
SIEMENS AG INFINEON[Infineon Technologies AG]
|
AD5332 AD5332BRU AD5333BRU AD5342BRU AD5343BRU AD5 |
2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 12-Bit DAC with Parallel Interface in 28-lead TSSOP 2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
|
AD[Analog Devices]
|
SLE44C10S SLE44C10S-C SLE44C10S-M4 SLE44C10S-T85-C |
SECURITY & CHIP CARD ICS ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles Security & Chip Card ICs 安全 8-bit Security Controller with 9-Kbyte ROM, 256 byte RAM 1 Kbyte EEPROM and Sleep Mode(8位安全微控制9K字节ROM,256字节RAM,1K字节EEPROM,睡眠模式)) 8位安全控制器9字节ROM56字节RAM 1字节的EEPROM和休眠模式(8位安全微控制器(9K章字节光盘,256字节的RAM,每1000字节的EEPROM,睡眠模式)
|
INFINEON[Infineon Technologies AG] SIEMENS AG
|
74ACT16245 74ACT16245MTD 74ACT16245SSC 74ACT16245M |
Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 位总线收发 16-Bit Transceiver with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
MC14015B MC14015BCP MC14015BD MC14015BDR2 MC14015B |
Dual 4-Bit Static Shift Register 4000/14000/40000 SERIES, 4-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 Dual 4-Bit Static Shift Register 位静态移位寄存器 1A Single-Slot PC Card Power Switch w/ Serial Interface 24-HTSSOP -40 to 85 1A Single-Slot PC Card Power Switch w/ Serial Interface 24-SSOP -40 to 85
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
AD5447YRUZ-REEL AD5447YRUZ-REEL7 AD5440YRU-REEL |
Dual 12-Bit, High Bandwidth Multiplying DACs with Parallel Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDSO24 Dual 10-Bit, High Bandwidth Multiplying DACs with Parallel Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX5450 MAX5450EUB MAX5450-MAX5455 MAX5451 MAX5451 |
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers DUAL 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 256 POSITIONS, PDSO14 "Dual, 256- Tap, Up/Down Interface Digital Potentiometers" Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MCP4822T-E_MS MCP4822T-E_P MCP4822T-E_SN MCP4822 M |
SERIAL INPUT LOADING, 4.5 us SETTLING TIME, 8-BIT DAC, PDSO8 8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
|
Microchip Technology Inc.
|
AE45C |
HIGH SECURITY 16 BIT SMART CARD MICROCONTROLLER
|
ETC Renesas Electronics Corporation
|
MAX5109EEE-T |
Nonvolatile, Dual, 8-Bit DACs with 2-Wire Serial Interface SERIAL INPUT LOADING, 8 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|